PART |
Description |
Maker |
LM2576T-ADJ LM2576TV-AJD LM2576TV-5 LM2576T-5 LM25 |
Easy switcher 1.0 A step-down voltage regulator EASY SWITCHERE 3.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
LM2576T-12 LM2576T-ADJ LM2576 LM2576D2T-BADJ LM257 |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor] http://
|
LM2576-3.3 LM2576-ADJ LM2576-12 LM2576-15 LM2576-5 |
EASY SWITCHER 3.0A STEP-DOWN VOLTAGE REGULATOR
|
Micrel Semiconductor MOTOROLA[Motorola, Inc]
|
LM2576D2T-12 LM2576D2T-15 LM2576D2T-3.3 LM2576D2T- |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 3.0 A STEP-OWN VOLTAGE REGULATOR From old datasheet system
|
ONSEMI[ON Semiconductor]
|
LM2574DW-ADJ LM2574N-5 LM2574_D ON0293 |
EASY SWITCHER 0.5 A STEP-DOWN VOLTAGE REGULATOR 0.5 A STEP-OWN VOLTAGE REGULATOR From old datasheet system
|
ON Semiconductor
|
S8VK-G06012 S8VK-G03005 |
Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
|
Omron Electronics LLC
|
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
G3DZ-F4B G6D-F4B |
Easy-to-use, Space-saving Terminal Relay with Four-point Output 易于使用,节省空间与终端继电点输 Easy-to-use, Space-saving Terminal Relay with Four-point Output 易于使用,节省空间与终端继电4点输
|
Omron Electronics, LLC
|
AZ34063P AZ34063MTR-E1 AZ34063P-E1 AZ34063 AZ34063 |
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 0.8A STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AN887 |
MICROCONTROLLERS MADE EASY
|
STMicroelectronics
|
PAC100-CXDA11 |
Easy mounting on PCB or socket
|
P-tec Corporation
|